Part Number Hot Search : 
18600152 ENA1001 011DR CDLL976B 75000 L20PF AD6315LF HCF40163
Product Description
Full Text Search
 

To Download IRFZ44VSPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95561
l l l l l l l l
Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated Optimized for SMPS Applications Lead-Free
IRFZ44VSPBF IRFZ44VLPbF
D
HEXFET(R) Power MOSFET VDSS = 60V RDS(on) = 16.5m
G S
ID = 55A
Description
Advanced HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
D2Pak IRFZ44VS
TO-262 IRFZ44VL
The through-hole version (IRFZ44VL) is available for low-profile applications.
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
55 39 220 115 0.77 20 115 55 11 4.5 -55 to + 175 300 (1.6mm from case )
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient
Typ.
--- ---
Max.
1.3 40
Units
C/W
www.irf.com
1
07/15/04
IRFZ44VS/LPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 60 --- --- 2.0 24 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.062 --- --- --- --- --- --- --- --- --- --- 13 97 40 57 4.5 7.5 1812 393 103
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 16.5 m VGS = 10V, ID = 31A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 31A 25 VDS = 60V, VGS = 0V A 250 VDS = 48V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 67 ID = 51A 18 nC VDS = 48V 25 VGS = 10V, See Fig. 6 and 13 --- VDD = 30V --- ID = 51A ns --- RG = 9.1 --- RD = 0.6, See Fig. 10 Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 55 --- --- showing the A G integral reverse --- --- 220 S p-n junction diode. --- --- 2.5 V TJ = 25C, IS = 51A, VGS = 0V --- 70 105 ns TJ = 25C, IF = 51A --- 146 219 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 51A, di/dt 227A/s, VDD V(BR)DSS,
TJ 175C
Starting TJ = 25C, L = 89H
RG = 25, I AS = 51A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRFZ44VS/LPbF
1000
100
10
4.5V
1
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
10
4.5V
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
RDS(on) , Drain-to-Source On Resistance (Normalized)
1000
3.0
ID = 55A
I D , Drain-to-Source Current (A)
2.5
TJ = 25 C TJ = 175 C
100
2.0
1.5
10
1.0
0.5
1 4 5 6 7 8
V DS= 25V 20s PULSE WIDTH 9 10 11 12
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
www.irf.com
3
IRFZ44VS/LPbF
4000
20
C, Capacitance(pF)
3000
Crss = Cgd Coss = Cds + Cgd
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Cis = Cgs + Cgd, Cds SHORTED
ID = 51A
16
V DS= 48V V DS= 30V V DS= 12V
12
2000
Ciss
8
1000
Coss Crss
0 1 10 100
4
0
0
20
40
60
80
100
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
1000
1000
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
ISD , Reverse Drain Current (A)
TJ = 175 C
OPERATION IN THIS AREA LIMITED BY RDS(on)
100
ID , Drain Current (A)
100
10us
10
TJ = 25 C
100us 10 1ms
1
0.1 0.2
VGS = 0 V
0.7 1.2 1.7 2.2
1
TC = 25 C TJ = 175 C Single Pulse
1 10
10ms
100
1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
4
Fig 8. Maximum Safe Operating Area
www.irf.com
IRFZ44VS/LPbF
60
V DS VGS
RD
50
RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+ VDD
ID , Drain Current (A)
-
40
30
20
Fig 10a. Switching Time Test Circuit
VDS 90%
10
0
25
50
75
100
125
150
175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current vs. Case Temperature
10
Fig 10b. Switching Time Waveforms
Thermal Response(Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com 5
IRFZ44VS/LPbF
EAS , Single Pulse Avalanche Energy (mJ)
250
15V
200
ID 21A 36A BOTTOM 51A TOP
VDS
L
DRIVER
RG
20V
D.U.T
IAS tp
150
+ - VDD
A
0.01
100
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
50
0 25 50 75 100 125 150 175
Starting T J, Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFZ44VS/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com 7
IRFZ44VS/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information
T HIS IS AN IRF 530S WIT H LOT CODE 8024 AS SE MB LED ON WW 02, 2000 IN T HE AS S EMB LY LINE "L" Note: "P" in as s embly line pos ition indicates "Lead-F ree" INT E RNAT IONAL RE CT IF IER LOGO AS SE MBLY LOT CODE PART NUMB ER F 530S DAT E CODE YEAR 0 = 2000 WE EK 02 LINE L
OR
INTE RNATIONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NU MBER F 530S DATE CODE P = DES IGNAT ES LE AD-FRE E PRODUCT (OPT IONAL) YE AR 0 = 2000 WE EK 02 A = AS S E MBLY S IT E CODE
8
www.irf.com
IRFZ44VS/LPbF
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
TO-262 Part Marking Information
EXAMPLE: THIS IS AN IRL3103L LOT CODE 1789 AS S EMBLED ON WW 19, 1997 IN THE AS S EMBLY LINE "C" Note: "P" in assembly line position indicates "Lead-Free" INTERNATIONAL RECT IF IER LOGO AS S EMBLY L OT CODE PART NUMBER
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
OR
INTERNATIONAL RECTIFIER LOGO PART NUMBER DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPTIONAL) YEAR 7 = 1997 WEEK 19 A = AS S EMBLY S ITE CODE
AS S EMBLY LOT CODE
www.irf.com
9
IRFZ44VS/LPbF
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04 10 www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFZ44VSPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X